Part Number Hot Search : 
ISL6700 S1036 MV53640 MV21002 0100100 1N5230 SS8PH9 EB622R12
Product Description
Full Text Search
 

To Download SCD345MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (45v / 3.0a) SCD345MH absolute maximum ratings (ta = 25 o c) v rrm v i f(av) a i fsm a t j t stg 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range 45 80 -55 to +150 -55 to +150 3.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data o c o c electrical characteristics (ta = 25 o c) item symbol conditions min. typ. max. unit v f i f = 3.0a v - 0.50 0.55 forward voltage (note 1) o c/w - 128 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 18 - r th(jc) junction to case (note 2) pf - 115 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.01 0.10 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2014/09 rev. 0 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with recommended copper pad areas. scd 345m . 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.96 + 0.2 - 0.1 5.14 ref . 1.47 min. 1.27 min. 2.60 max. uni t : mm outline dimensions marking equivalent : sma do-214ac case : 2010 mounting pad layout rating
zowie (45v / 3.0a) SCD345MH 2014/09 rev. 0 fig.1 - forward current derating curve average forward rectified current, amperes 4 3 2 1 0 0 50 70 90 110 130 150 170 case temperature, o c fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 10 20 30 50 60 70 40 80 1 10 100 fig.5 - typical junction capacitance t j = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 400 1.0 10 100 100 10 fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes instantaneous forward voltage, (v) 0.1 1 10 0.01 0.2 0.1 0 0.3 0.4 0.6 0.5 t j = 150j t j = 125j t j = 100j t j = 25j fig.4 - typical reverse characteristics instantaneous reverse leakage current, milliamperes percent of rated peak reverse voltage,% 0.0001 0.001 0.01 0.1 100 1 10 0 20 40 60 80 100 t j = 25 o c t j = 125 o c t j = 150 o c t j = 100 o c


▲Up To Search▲   

 
Price & Availability of SCD345MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X